Part Number Hot Search : 
BAS70XY EA09408 ASZ1015 IP102 SFH4391 2SA1215 74476402 U60DN
Product Description
Full Text Search
 

To Download CAS-XXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  c o p a l e l e c t r o n i c s copal electronics specifications are subject to change without notice. specifications in this catalog are for reference. the formal specification sheets will be submitted upon request. surface mount type switches slide switches cas surface mount type ? please refer to the list of part numbers when placing orders. compatible with most automatic pick & place machinery compact and space saving smd type excellent contact stability by twin au-plated contact low profile design of 2.5 mm features internal structure part name 1 2 3 4 5 6 cover slider housing slider contact fixed contact terminal pin material flammability ul-94v-0 pps (polyphenylenesulphide) nylon pps (polyphenylenesulphide) copper alloy, gold-plated cfcs, halon, carbon tetrachloride and designated bromic flame retardant pbbos and pbbs are not used in our products. part number designation c a s - 1 2 0 t b 1 series name no. of poles 1 : 1 pole 2 : 2 poles d : dual (2 separate sliders) no. of contacts 2 : 2 contacts setting position 0 : top setting structure 1 : non-washing type (seal tape is nothing) 2 : non-washing type (seal tape is provided) blank : washable type (seal tape is provided) shape of terminal a : j-hook b : gull wing form of packaging t : taping (reel) blank : bulk in vinyl bags 1 2 3 4 6 5
slide switches (smd) surface mount type switches cas specifications are subject to change without notice. specifications in this catalog are for reference. the formal specification sheets will be submitted upon request. c o p a l e l e c t r o n i c s copal electronics list of part numbers no. of pole 1 2 dual 2 top setting taping cas-120ta1 cas-120tb1 cas-120b1 cas-120ta2 cas-120tb2 1000pcs./reel 100pcs./pack 1000pcs./reel 100pcs./pack 1000pcs./reel 100pcs./pack cas-120a1 cas-220ta1 cas-220tb1 cas-220b1 cas-220a1 cas-d20ta1 cas-d20tb1 cas-d20b1 cas-d20a1 bulk packaging taping bulk packaging taping bulk packaging no. of contact setting position form of packaging pieces in package ? verify the above part numbers when placing orders. taping specification is not sold separately and must be purchased in reel unit. (gull wing) ( j-hook) (gull wing) (j-hook) non-washing type (seal tape is nothing) non-washing type (seal tape is provided) no. of pole 1 2 dual 2 top setting taping cas-120ta cas-120tb cas-120b 1000pcs./reel 100pcs./pack cas-120a bulk packaging taping cas-220ta cas-220tb cas-220b 1000pcs./reel 100pcs./pack cas-220a bulk packaging taping cas-d20ta cas-d20tb cas-d20b 1000pcs./reel 100pcs./pack cas-d20a bulk packaging no. of contact setting position form of packaging pieces in package (gull wing) ( j-hook) washable type (seal tape is provided) standard specifications operating temp. range sealing net weight ? 40 ~ + 85 c washable by seal tape approx. 0.05g (cas-120) approx. 0.08g (cas-220/d20) operating force stop strength solderability soldering heat shear (adhesion) substrate bending pull-off strength 0.5 ~ 5 n {0.05 ~ 0.51 kgf} 10 n {1.02 kgf}, 60 s 235 5 c, 2 0.5 s 240 c (vps method), 30 s 5 n {0.51 kgf} 10 s width 90 mm, bend 3 mm, 5 s, 1 time 5 n {0.51 kgf} 10 s mechanical characteristics contact rating non-switching switching minimum contact resistance insulation resistance dielectric strength dc50 v 100 ma dc6 v, 100 ma dc24 v, 25 ma dc20 mv 1 a 50 m ? maximum (1.5 ma, 1 khz, 20 mv) 1000 m ? (dc100 v) minimum ac500 v, 50 hz, 60 s vibration shock load life humidity high temp. exposure low temp. exposure thermal shock amplitude of 1.5 mm (p-p) or acceleration of 98 m/s 2 , 10-500 hz, 3 directions for 10 cycles each 490 m/s 2 , 11 ms 6 directions for 3 times each continuous load 2000 cycles, dc6 0.5 v, 100 10 ma ? 10 ~ + 65 c, 0 ~ 96 %rh, 24 h for 10 cycles 85 c, 96 h ? 40 c, 96 h ? 40 (0.5 h) ~ + 85 c (0.5 h), 5 cycles electrical characteristics environmental characteristics : not manufactured { } : reference only b aa b a b
slide switches (smd) surface mount type switches cas specifications are subject to change without notice. specifications in this catalog are for reference. the formal specification sheets will be submitted upon request. c o p a l e l e c t r o n i c s copal electronics production date code production date code production date code production date code terminal no.1 6 0.6 2 c 0.5 +0.1 0.05 5.4 stroke 0.6 1.75 2.5 max. 0.1 0.1 0 1.75 0.3 4.2 3.9 2.5 +0.3 0 0.15 +0.1 0.05 c c schematic schematic terminal no.1 6 0.6 2 c 0.5 +0.1 0.05 5.4 stroke 0.6 1.75 2.5 max. 0.1 0 0.1 1.75 0.3 5.6 3.9 0.4 min. 0.4 min. 0.15 +0.1 0.05 terminal no.1 6 0.6 2 c 0.5 +0.1 0.05 5.4 stroke 0.6 1.75 2.5 max. 0.1 0 0.1 1.75 0.3 4.2 3.9 2.5 +0.3 0 0.15 +0.1 0.05 c c schematic 123 456 123 456 schematic terminal no.1 6 0.6 2 c 0.5 +0.1 0.05 5.4 stroke 0.6 1.75 2.5 max. 0.1 0 0.1 1.75 0.3 5.6 3.9 0.4 min. 0.4 min. 0.15 +0.1 0.05 c c 123 456 c c 123 456 cas-120a1 cas-120b1 cas-220a1 cas-220b1 cas-d20a1 cas-d20b1 outline dimensions unless otherwise specified, tolerance : 0.3 (unit : mm) 3 0.6 terminal no.1 5.4 3.5 stroke 0.6 2.5 max. 0.3 2 c 0.5 +0.1 0.05 0.1 0 0.1 1.1 0.15 +0.1 0.05 2.8 +0.3 0 2.5 2 13 c schematic production date code 3 0.6 production date code terminal no.1 5.4 3.5 stroke 0.6 2.5 max. 0.3 2 c 0.5 +0.1 0.05 0.1 0 0.1 0.4 min. 0.4 min. 0.15 +0.1 0.05 4.2 2.5 2 13 c schematic
(unit : mm) recommended p.c.b. pad outline dimensions cas-120 a type cas-120 b type note) the zero point is the center of mounting. 3.5 3 1 1.6 1.6 0.7 0 3.5 3 1 1.3 1.3 2.6 0 1.75 1.75 6 1 1.6 1.6 2.1 0 1.75 1.75 6 1 1.3 1.3 4 0 cas-220 d20 a type cas-220 d20 b type slide switches (smd) surface mount type switches cas specifications are subject to change without notice. specifications in this catalog are for reference. the formal specification sheets will be submitted upon request. c o p a l e l e c t r o n i c s copal electronics
slide switches (smd) surface mount type switches cas specifications are subject to change without notice. specifications in this catalog are for reference. the formal specification sheets will be submitted upon request. c o p a l e l e c t r o n i c s copal electronics soldering conditions soldering iron 3 s maximum at 300 c vapor-phase soldering 215 c, less than 35 s infrared reflow soldering the temperature profile shown at right is recommended for reflow soldering. however, process carefully in case of infrared heater, because the absoription rate of the object may vary according to its color, material, etc. and thus heating rate can be different. please note that the surface temperature of the product should not exceed 240 ? c. when the product temperature exceeds 250 c, deformation may occur due to heat. tp tm tm temperature time 3~4 min tp 240 c (peak temperature) tm 180 c (melting point temperature) tm 10 s (melting time) taping version is packaged in 1000 pcs. per reel. orders will be accepted for units of 1000 pcs., i.e., 1000, 2000, 3000 pcs., etc. taping version is boxed with two reels (2000 pcs.). embossed tape dimensions reel dimensions (unit: mm) empty filled empty 40 mm min. 20 pitches min. 400 mm min. direction of feed head end leader 2 0.5 16.4 22.4 max. 0 +2 13 0.2 21 0.8 80 min. 250 2 maximum number of consecutive missing pieces=2 leader length and reel dimension are shown in the diagrams below: reel & embossed tape materials embossed tape: plastic reel: paper embossed tape pull strength 10 n {1.02 kgf} minimum peeling strength of seal tape 0.1~0.7 n {10.2~71.4 gf} test method for peeling strength of seal tape seal cover tape 165 ~180 direction of feed carrier tape peel direction (300 mm/min) packaging specifications { } : reference only
bulk packing is made by a small packing box and vinyl bags. one vinyl bag contains 100 pcs. and the small packing box contains 5 vinyl bags or 500 pcs. 8 0.1 4 0.1 0.3 0.1 3 2 0.1 1.75 0.1 7.5 0.1 16 terminal no.1 direction of feed direction of feed 1.5 +0.1 0 installation example installation example (cas-120b1) 8 0.1 4 0.1 0.3 0.1 3 2 0.1 1.75 0.1 7.5 0.1 16 terminal no.1 1.5 +0.1 0 (cas-d20b1) cas-120ta, tb (unit: mm) cas-220 d20ta, tb slide switches (smd) surface mount type switches cas specifications are subject to change without notice. specifications in this catalog are for reference. the formal specification sheets will be submitted upon request. c o p a l e l e c t r o n i c s copal electronics


▲Up To Search▲   

 
Price & Availability of CAS-XXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X